PART |
Description |
Maker |
MS62571 |
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
|
MOSA ELECTRONICS
|
APA4835 APA4835RI-TR APA4835RI-TU |
Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
|
ANPEC Electronics Corporation ETC[ETC] ANPEC[Anpec Electronics Coropration]
|
FME270-46110 |
Attenuation to 50 dB at 500 kHz Operating temperature -55掳 to 125掳C Attenuation to 50 dB at 500 kHz Operating temperature -55° to 125°C
|
Interpoint Corporation Company http://
|
AD600AR-REEL AD600AR-REEL7 AD600JR-REEL AD600JR-RE |
Gain range:0 to 40dB ; -7.5V; 600mW; daual, low noise, wideband variable gain amplifier. For ultrasound and sonar time-gain control, high performance audio and RF AGC systems and signal measurement
|
Analog Devices
|
27C64-25E/P 27C64-25E/J 27C64-25E/TS 27C64-25E/SO |
330MHz, Gain of 1/Gain of 2 Closed-Loop Buffers Evaluation Kit for the MAX4159, MAX4259 High-Speed, Low-Distortion, Differential Line Receivers SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps x8存储 x8 EPROM x8存储
|
Microchip Technology, Inc. TUSONIX, Inc.
|
LF2040A-NH |
5 up to 100A/High attenuation
|
Soshin
|
B39162B4310P810 |
Low insertion attenuation
|
EPCOS
|
FMD28-46110 FMD28-461 |
Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
|
Interpoint Corporation Company
|
VIHAM-CL VEHAM-CL VI-HAM-CL-17 VIHAM-EL VEHAM-EL V |
High-Boost Harmonic Attenuation Module
|
Vicor Corporation
|